Part Number Hot Search : 
18240450 15KP17A SD101BW 3301R MX25L32 G205I AN7381 GC1000
Product Description
Full Text Search
 

To Download 1N4006S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N4001S THRU 1N4007S
PLASTIC SILICON RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES l Low forward voltage drop l High current capability l l l l High reliability High surge current capability r 0.6mm leads Exceeds environmental standards of MIL-S-19500/228 A-405
MECHANICAL DATA Case: Molded plastic , A-405 Epoxy: UL 94V-O rate flame retardant Lead: Axial leads, solderable per MIL-STD-202, method 208 guaranteed Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.008 ounce, 0.22 gram MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 J ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1N4001S 1N4002S 1N4003S 1N4004S 1N4005S 1N4006S 1N4007S
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current @TA=75 J Peak Forward Surge Current 8.3ms single half sine-wave IFSM superimposed on rated load Maximum Forward Voltage at 1.0A DC Maximum DC Reverse Current @TA=25 J At Rated DC Blocking Voltage @TA=100 J Typical Junction capacitance (Note 1) Typical Thermal Resistance (Note 2) R KJA Typical Thermal resistance (NOTE 2) R K JL Operating Temperature Range TJ Storage Temperature Range TA NOTES:
50 35 50
100 75 100
200 140 200
400 280 400 1.0 30
600 420 600
800 560 800
1000 700 1000
UNITS V V V A A
1.1 5.0 500 15 50 25 -55 to +150 -55 to +150
V g A g A PF J /W J /W J J
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC 2. Thermal resistance Junction to Ambient and from junction to lead at 0.375"(9.5mm) lead length P.C.B mounted
RATING AND CHARACTERISTIC CURVES 1N4001S THRU 1N4007S
AVERAGE FORWARD RECTIFIED
1.6 1.4
MAXIMUM AVERAGE CURRENT RATING SINGLE HALF-WAVE, 60Hz RESISTIVE OR INDUCTIVE LEAD LENGTHS
CURRENT AMPERES
1.2 1.0 .8 .6 .4 .2 0 0 20 40 60
80
120
140
160
180
AMBIENT TEMPERATURE, J
Fig. 1-TYPICAL FORWARD CURRENT DERATING CURVE
INSTANTANEOUS FORWARD CURRENT, FORWARD SURGE CURRENT, AMPERES
30
20 10
pk (HALF-SINE WAVE)
24
AMPERES
4 2 1.0 .4 .2 .1 .04 .02 .01
18
12
Tj=25J Pulse Width = 300gs 2% Duty Cycle
6
1
2
4
6 8 10
20
40 60 80 100
.6 .8 1.0 1.2 1.4 @ @ @ @ @ @
1.5
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NUMBER OF CYCLES AT 60Hz
Fig. 2-TYPICAL FORWARD CHARACTERISTICS
Fig. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
INSTANTANEOUS REVERSE CURRENT,
1,000
100
MICROAMPERSES
Tj = 150 J Tj = 150 J
INSTANTANEOUS REVERSE CURRENT
MICROAMPERES
10 4
Tj=100J
10
Tj = 100J
1.0 .4 .1 .04 .01 0 20 40 80 100 120
Tj=25J
1
0.1
Tj = 25J
0.01 0 20 60 80 100 120
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%) PERCENTAGE OF PEAK REVERSE VOLTAGE, %
Fig. 4-TYPICAL REVERSE CHARACTERISTICS
Fig. 5-TYPICAL REVERSE CHARACTERISTICS
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 1N4006S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X